Part Number Hot Search : 
TF361S HSM390G B250C37 XR8038 855729 68HC05B MBR1060 C100B
Product Description
Full Text Search
 

To Download DD25F80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE MODULE
DD25F/KD25F
UL;E76102 M Power Diode Module DD25F series are designed for various rectifier circuits. DD25F has two diode chips connected in series in 25mm (1inch) width package and the mounting base is elctrically isolated from elements for simple heatsink construction. Wide voltage rating up to, 1,600V is avaiable for various input voltage. Isolated mounting base Two elements in a package for simple (single and three phase) bridge connections Highly reliable glass passivated chips High surge current capability Applications Various rectifiers, Battery chargers, DC motor drives
2- 6 20 20 92 20 25 12.5 12
M5X10 31max 19.5 4.0
80 0.2
Unit a
Maximum Ratings
Symbol VRRM VRSM Item Repetitive Peak Reverse Voltage Non-Repetitive Peak Reverse Voltage Ratings DD25F40 400 480 DD25F80 800 960
Tj 25 DD25F120 1200 1300
unless otherwise specified DD25F160 1600 1700 Unit V V
Symbol IF
AV
Item Average Forward Current R.M.S. Forward Current Surge Forward Current I2t Isolation Breakdown Voltage R.M.S. Junction Temperature Storage Temperature Mounting Torque Mass Mounting M5 Terminal M5
Conditions Single phase, half wave, 180 conduction, Tc 96 Single phase, half wave, 180 conduction, Tc 96
1 2 cycle,
Ratings 25 39 530/580 1400 2500 40 to 40 to 125 125
6.5
Unit A A A A2S
IF (RMS) IFSM I2t VISO Tj Tstg
50/60HZ, peak Value, non-repetitive
Value for one cycle of surge current A.C.1minute
V Nm fB g
Recommended Value 1.5-2.5 15-25 Recommended Value 1.5-2.5 15-25
2.7 28 2.7 28 170
Electrical Characteristics
Symbol IRRM VFM Rth j-c Item Repetitive Peak Reverse Current, max. Forward Voltage Drop, max. Thermal Impedance, max. Conditions at VDRM, single phase, half wave. Tj 125 Forward current 75A Tj 25 Junction to case Inst. measurement Ratings 10 1.55 0.78 Unit mA V /W
SanRex(R)
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD25F/KD25F
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of DD25F80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X